Part Number Hot Search : 
KTC5242 GS25E12 ST10F273 PE4074 14B101 2SD601 A52RA 25016
Product Description
Full Text Search
 

To Download MLP263M010EA0A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type MLP 85 C Flatpack, Ultra-Long Life, Aluminum Type MLP 85 C
1/2-Inch Height, 50-Year Life The MLP's high-energy storage and box-shape make it perfect for voltage holdup or filtering in military SEM-E modules, telecom circuit packs and computer cards. The MLP delivers up to 20 joules of energy storage in a 1/2" height with 50 year's life at +45 C. You can readily heatsink it to double the ripple-current capability. The MLP is the square-peg component that fits the square-holes in electronic assemblies.
Highlights
* * * * * Low-profile replacement for snap-ins Double the ripple capability with a heatsink Nearly hermetic welded seal assures 50-year life Withstands more than 80,000 feet altitude New 2 inch case size
Specifications
Operating Temperature: Rated Voltage: Capacitance: Leakage Current: Cold Impedance: -55 C to +85 C up to 250 Vdc, -40 C to 85 C 300 Vdc & up
7.5 to 450 Vdc 110 F to 47,000 F 20% 0.002 CV A @ 25 C and 5 min -55 C multiple of 25 C Z is 10 for up to 20 V, 2 for 25 V to 250 V -20 C multiple of 25 C Z is 4 for 300 V and up Case Temperature
45 C 3.79 55 C 3.32 65 C 2.77 75 C 2.08 85 C 1.00
Ripple Current Multipliers:
Ambient Temperature, No Heatsink
45 C 1.00 55 C 0.90 65 C 0.75 75 C 0.56 85 C 0.27
Frequency
RoHS-5 Compliant Has more than 1000 ppm lead in some homogenous material but otherwise complies with the EU Directive 2002/95/EC requirement restricting the use of Lead (Pb), Mercury (Hg), Cadmium (Cd), Hexavalent chromium (Cr(VI)), PolyBrominated Biphenyls (PBB) and PolyBrominated Diphenyl Ethers (PBDE).
50 Hz 60 Hz 120 Hz 360 Hz 1 kHz 5 kHz 7.5 to 63 V 80 to 450 V 0.94 0.80 0.95 0.85 1.00 1.00 1.04 1.17 1.05 1.24 1.06 1.28
10 kHz & up 1.06 1.29
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type MLP 85 C Flatpack, Ultra-Long Life, Aluminum
Load Life: Shelf Life: Thermal Resistance:
2,000 h @ +85 C, Capacitance 10%, ESR 200% of limit, DCL 100% of limit, height 0.5 in. max 500 h at 85 C, capacitance, ESR and DCL, initial requirements. Height 0.5 in max. Typical warehouse storage life is more then 25 years.
Large Sides Case Length Heatsinked Insulation one both None Polyester None Polyester 1.5" C/W 3.0 4.3 2.8 4.0 2.0" C/W 1.8 2.6 1.7 2.4 3.0" C/W 1.2 1.7 1.1 1.6
Vibration: ESL: Weight: Terminals:
10 Hz to 2 kHz, 0.06" pp max and 10 g, MIL-STD-202, Meth. 204 <30 nH measured 1/4" from case at 1 MHz Case EK 30 g typical Case EA 42 g typical Case EB 66 g typical 8 AWG copper wire with 60/40 tin-lead electroplate
Heatsink Cooled. Temperature rise from the internal Double the Ripple Current: Attach the MLP to an external heatsink and you can easily double the ripple hottest spot, the core, to ambient air is: current capability and assure long life through cooler operation. The broad, flat top and bottom on the MLP T = I2(ESR)(cc + ca) are ideal for cooling the capacitor and removing the heat caused by ripple current. where cc is the thermal resistance from core to case and ca from case to ambient. To calculate maximum Ripple Current Capability is set by the maximum ripple capability with the MLP attached to a heatsink permissible internal core temperature, 88 C. This use the maximum core temperature and the values for assures that the case does not inflate beyond 0.5 inch cc. height.
Air Cooled. The ripple currents in the ratings tables are for 85 C case temperatures. For air temperatures without a heatsink use the multipliers Ambient Temperature, No Heatsink. As an illustration, suppose you operate an insulated MLP332M080EK1C in 65 C air and attach it to a commercial heatsink with a free-air thermal resistance of 2.7 C/W. Use a good thermal grease between the MLP and the heatsink, and the total thermal resistance is 2.7 +1.7 or 4.4 C/W. The power which would heat the core to 88 C is (88-65)/4.4 or 4.75 W. For an ESR of 31 m, 4.7 W equates to a ripple current of 12.3A.
Part Numbering System
MLP 102 M 200
EB
O
A
Type MLP
Capacitance Tolerance 821=820 F 102 = 1000 F M=20%
Rated Voltage Vdc
Case Code EK, L=1.5 in. EA, L=2.0 in EB, L=3.0 in.
Insulation 0 = bare can 1 = polyester
Mounting Style A = mounting tabs B = four leads C = two leads/no tabs D = hook leads/tabs E = hook leads/no tabs
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type MLP 85 C Flatpack, Ultra-Long Life, Aluminum Outline Drawings Style A: Mounting Tabs
Mounting tabs and negative lead are welded to the case. Style B: Four Leads
Style C: No Tabs
Three negative leads are welded to the case.
Style D: Hook Leads
The negative lead is welded to the case.
Case Code EK
Length L (in) 1.5 2.0 3.0
Weight (g) 30 42 66
Mounting tabs and negative lead are welded to the case.
EA EB
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type MLP 85 C Flatpack, Ultra-Long Life, Aluminum Typical Performance Curves
Note: Impedance measured at ends of leads.
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com
Type MLP 85 C Flatpack, Ultra-Long Life, Aluminum
Ratings
Cap. (F) Catalog Part Number ESR max 25 C (m) 120 Hz 20 kHz 76 50 30 77 51 30 81 53 31 84 56 33 87 57 34 90 59 35 97 62 36 101 64 36 106 72 44 66 44 26 67 45 27 69 46 27 69 46 27 69 46 27 70 46 27 70 46 27 76 50 29 77 52 31 Length 120 Hz 20 kHz (Inches) 4.2 5.8 9.1 4.2 5.8 9.0 4.1 5.7 9.0 4.0 5.5 8.7 3.9 5.5 8.6 3.4 5.4 8.4 3.7 5.2 8.3 3.7 5.2 8.3 3.6 4.9 7.5 4.5 6.2 9.8 4.5 6.1 9.6 4.4 6.1 9.6 4.4 6.1 9.6 4.4 6.1 9.6 4.4 6.1 9.6 4.4 6.1 9.6 4.2 5.8 9.3 4.2 5.7 9.0 1.5 2.0 3.0 1.5 2.0 3.0 1.5 2.0 3.0 1.5 2.0 3.0 1.5 2.0 3.0 1.5 2.0 3.0 1.5 2.0 3.0 1.5 2.0 3.0 1.5 2.0 3.0 Ripple (A) Case @ 85 C Cap. (F) 1100 1600 2700 500 770 1300 400 600 1000 330 490 820 220 330 560 150 220 370 130 200 330 130 200 330 110 170 280 Catalog Part Number MLP112M100EK0A MLP162M100EA0A MLP272M100EB0A MLP501M150EK0A MLP771M150EA0A MLP132M150EB0A MLP401M200EK0A MLP601M200EA0A MLP102M200EB0A MLP331M250EK0A MLP491M250EA0A MLP821M250EB0A MLP221M300EK0A MLP331M300EA0A MLP561M300EB0A MLP151M350EK0A MLP221M350EA0A MLP371M350EB0A MLP131M400EK0A MLP201M400EA0A MLP331M400EB0A MLP131M420EK0A MLP201M420EA0A MLP331M420EB0A MLP111M450EK0A MLP171M450EA0A MLP281M450EB0A ESR max 25 C (m) 120 Hz 20 kHz 112 76 46 355 238 143 388 261 158 426 285 172 597 399 240 1000 683 420 1320 882 530 1320 882 530 1456 973 585 78 54 33 248 166 100 253 168 100 258 172 103 393 262 157 734 503 310 970 648 390 970 648 390 1190 797 480 Length 120 Hz 20 kHz (Inches) 3.5 4.7 7.4 1.9 2.7 4.2 1.9 2.6 3.8 1.8 2.4 3.8 1.5 2.1 3.2 1.2 1.6 2.3 1.0 1.4 2.1 1.0 1.4 2.1 0.96 1.3 2.0 4.2 5.6 8.7 2.3 3.2 5.0 2.3 3.2 5.0 2.3 3.1 4.9 1.9 2.5 4.0 1.4 1.8 2.8 1.2 1.6 2.5 1.2 1.6 2.5 1.1 1.5 2.3 1.5 2.0 3.0 1.5 2.0 3.0 1.5 2.0 3.0 1.5 2.0 3.0 1.5 2.0 3.0 1.5 2.0 3.0 1.5 2.0 3.0 1.5 2.0 3.0 1.5 2.0 3.0 Ripple (A) Case @ 85 C 7.5 Vdc (10 Vdc Surge) 19,000 MLP193M7R5EK0A 28,000 MLP283M7R5EA0A 47,000 MLP473M7R5EB0A 17000 26000 43000 13000 21000 38000 9600 14000 24000 8000 12000 20000 5600 8400 14000 4400 6600 11000 2200 3300 5600 1500 2100 3300 MLP173M010EK0A MLP263M010EA0A MLP433M010EB0A MLP133M016EK0A MLP213M016EA0A MLP383M016EB0A MLP962M020EK0A MLP143M020EA0A MLP243M020EB0A MLP802M025EK0A MLP123M025EA0A MLP203M025EB0A MLP562M035EK0A MLP842M035EA0A MLP143M035EB0A MLP442M050EK0A MLP662M050EA0A MLP113M050EB0A MLP222M063EK0A MLP332M063EA0A MLP562M063EB0A MLP152M080EK0A MLP212M080EA0A MLP332M080EB0A 100 Vdc (125 Vdc Surge)
10 Vdc (13 Vdc Surge)
150 Vdc (180 Vdc Surge)
16 Vdc (20 Vdc Surge)
200 Vdc (250 Vdc Surge)
20 Vdc (25 Vdc Surge)
250 Vdc (300 Vdc Surge)
25 Vdc (30 Vdc Surge)
300 Vdc (350 Vdc Surge)
35 Vdc (50 Vdc Surge)
350 Vdc (400 Vdc Surge)
50 Vdc (63 Vdc Surge)
400 Vdc (450 Vdc Surge)
63 Vdc (75 Vdc Surge)
420 Vdc (475 Vdc Surge)
80 Vdc (100 Vdc Surge)
450 Vdc (500 Vdc Surge)
CDM Cornell Dubilier * 140 Technology Place * Liberty, SC 29657 * Phone: (864)843-2277 * Fax: (864)843-3800 * www.cde.com


▲Up To Search▲   

 
Price & Availability of MLP263M010EA0A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X